Part Number Hot Search : 
MC3232A SMBJ28A 2SD1747 T85HF60 C1300 60041 N1N66 T85HF60
Product Description
Full Text Search
 

To Download BC857S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC857S
BC857S
E2 B2 C1
SC70-6
Mark: 3C
pin #1
C2 B1 E1
NOTE: The pinouts are symmetrical; pin 1 and pin 4 are interchangeable. Units inside the carrier can be of either orientation and will not affect the functionality of the device.
PNP Multi-Chip General Purpose Amplifier
This device is designed for general purpose amplifier applications at collector currents to 200 mA. Sourced from Process 68.
Absolute Maximum Ratings*
Symbol
VCEO VCES VCBO VEBO IC TJ, Tstg Collector-Base Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Collector-Emitter Voltage
TA = 25C unless otherwise noted
Parameter
Value
45 50 50 5.0 200 -55 to +150
Units
V V V V mA C
4
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. 3) All voltages (V) and currents (A) are negative polarity for PNP transistors.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
BC857S 300 2.4 415
Units
mW mW/C C/W
1998 Fairchild Semiconductor Corporation
BC857S
PNP Multi-Chip General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CES V(BR)CBO V(BR)EBO ICBO Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current IC = 10 mA, IB = 0 IC = 10 A, IE = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCB = 30 V VCB = 30 V, TA = 150C 45 50 50 5.0 15 4.0 V V V V nA A
ON CHARACTERISTICS
hFE VCE(sat) VBE(on) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage IC = 2.0 mA, VCE = 5.0 V IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5.0 mA IC = 2.0 mA, VCE = 5.0 V IC = 10 mA, VCE = 5.0 V 125 630 0.3 0.65 0.75 0.82 V V V V
0.6
SMALL SIGNAL CHARACTERISTICS
fT Cobo NF Current Gain - Bandwidth Product Output Capacitance Noise Figure IC = 10 mA, VCE = 5.0, f = 100 mHz VCB = 10 V, f = 1.0 MHz IC = 0.2 mA, VCE = 5.0, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz 200 3.5 2.5 MHz pF dB
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
Typical Characteristics
Typical Pulsed Current Gain vs Collector Current
500
V CE = 5V
VCESAT - COLLECTOR EMITTE R VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
Collector-Emitter Saturation Voltage vs Collector Current
0.3 0.25 0.2 0.15 0.1 0.05 0 0.1
125 C 25 C
400 300
125 C
= 10
25 C
200 100 0 0.01
- 40 C
- 40 C
0.1 1 10 100 I C - COLLECTOR CURRENT (mA)
1 10 100 I C - COLLECTOR CURRE NT (mA)
300
BC857S
PNP Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
1.2 1 0.8 0.6 0.4 0.2 0 0.1
V BEON - BAS E EMITTER ON VOLTAGE (V)
V BESAT - BASE EM ITTE R VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
= 10
Base Emitter ON Voltage vs Collector Current
1 0.8 0.6 0.4 0.2 0 0.1 V CE = 5V
- 40C 25 C 125 C
- 40
C
25 C 125 C
1 10 100 I C - COLLECTOR CURRE NT (mA)
300
1 10 I C - COLLECTOR CURRE NT (mA)
100 200
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLE CTOR CURRENT (nA) V CB = 50V 10
BVCER - BREAKDOWN VOLTAGE (V)
100
Collector-Emitter Breakdown Voltage with Resistance Between Emitter-Base
95 90
1
85
80
0.1
75
0.01 25
50 75 100 T A - AMBIE NT TEMP ERATURE ( C)
125
70 0.1
1
10
100
1000
RESISTANCE (k )
V CE - COLLECTOR-EMITTER VOLTAGE (V)
Collector Saturation Region
4
Input and Output Capacitance vs Reverse Voltage
100
Ta = 25C
f = 1.0 MHz
3
2
Ic =
100 uA
50 mA
300 mA
CAPACITANCE (pF)
10
Cib Cob
1
0 100 300 700 2000 4000
0.1
1
10
100
I B - BASE CURRENT (uA)
V CE - COLLECTOR VOLTAGE (V)
BC857S
PNP Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
f T - GAIN BANDWIDTH PRODUCT (MHz)
Gain Bandwidth Product vs Collector Current
300
Switching Times vs Collector Current
270 240 210 TIME (nS) 180 150 120 90 60 30 0 10
td tf tr
IB1 = IB2 = Ic / 10 V cc = 10 V
40
Vce = 5V
ts
30
20
10
0 1 10 20 50 100 150
I C - COLLECTOR CURRENT (mA)
20 30 50 100 200 I C - COLLECTOR CURRENT (mA)
300
Power Dissipation vs Ambient Temperat ure
PD - POWE R DIS SIPATION (W) 500 400
SC70 -6
300 200 100 0
0
25
50 75 100 TE MPE RATURE (C)
125
150
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of BC857S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X